PART |
Description |
Maker |
NTP27N06 NTB27N06 NTB27N06T4 |
Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 27 Amps, 60 Volts N?Channel TO?220 and D2PAK Power MOSFET 27 Amps / 60 Volts NChannel TO220 and D2PAK LASER MOD 670NM .95MW MVP ROUND LASER MOD 635NM 4.9MW VHK ROUND 27 A, 60 V, 0.046 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTMD3P03R2-D NTMD3P03R2 NTMD3P03R2/D |
Power MOSFET -3.05 Amps-30 Volts Power MOSFET -3.05 Amps, -30 Volts Dual P?Channel SO(-3.05 A, -30 V,双P通道,SO-8封装的功率MOSFET) Power MOSFET -3.05 Amps, -30 Volts Dual P-Channel SO-8
|
ON Semiconductor
|
NTF3055-100 NTF3055-100T3G |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223(3A,60V逻辑电平,N通道 SOT-223 封装的功率MOSFET) Power MOSFET 3.0 Amps 60 Volts N−Channel
|
ON Semiconductor
|
NTMD6P02R2 NTMD6P02R2-D NTMD6P02 |
Power MOSFET 6 Amps, 20 Volts P?Channel SO, Dual(6A0V,双P沟道SO-8封装的功率MOSFET) Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTTD2P02R2-D NTTD2P02R2/D |
Power MOSFET -2.4 Amps-20 Volts Power MOSFET -2.4 Amps, -20 Volts Dual P-Channel Micro8
|
ON Semiconductor
|
3810 3811 7111 7113 7114 7115 7116 7117 7118 7119 |
T-3/4 subminiature, miniature flanged lamp. 1.5 volts, 0.010 amps. T-3/4 subminiature, miniature flanged lamp. 1.5 volts, 0.015 amps. T-3/4 subminiature, bi-pin lamp. 2.5 volts, 0.110 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.060 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.075 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.080 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.115 amps. T-3/4 subminiature, miniature flanged lamp. 2.5 volts, 0.110 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.115 amps. T-3/4 subminiature, bi-pin lamp. 5.0 volts, 0.015 amps. T-3/4 subminiature, bi-pin lamp. 1.5 volts, 0.010 amps. T-3/4 subminiature, bi-pin lamp. 1.5 volts, 0.015 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.080 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.015 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.060 amps. T-3/4 subminiature, miniature flanged lamp. 5.0 volts, 0.075 amps.
|
Gilway Technical Lamp
|
NTP18N06L NTB18N06LT4 NTB18N06LT4G NTB18N06L |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) 15 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) Power MOSFET 15 Amps, 60 Volts, Logic Level N-Channel, D2 Pak
|
Microsemi, Corp. ONSEMI[ON Semiconductor]
|
50N06-TF3-T 50N06L-X-TA3-T 50N06L-X-TF3-T 50N06-TA |
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
??『绉???′唤?????? 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
12N06L-TN3-R 12N06G-TN3-R |
12 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
MMSF5N03HD-D |
Power MOSFET 5 Amps, 30 Volts N-Channel SO-8
|
ON Semiconductor
|
MMSF5P02HD-D |
Power MOSFET 5 Amps, 20 Volts P-Channel SO-8
|
ON Semiconductor
|
|